Part Number Hot Search : 
UFXXDA1 78L15A SMAJ11 SCD32 ADV7604 1800S 1N3010 1N4751
Product Description
Full Text Search
 

To Download BC849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN General Purpose Transistors BC849, BC850
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
Low voltage (max. 45 V).
+0.1 1.3-0.1
Low current (max. 100 mA)
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter collector-base voltage Symbol VCBO Rating 30 50 collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation Tamb storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient * * Transistor mounted on an FR4 printed-circuit board. 25 * VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Rth(j-a) 30 45 5 100 200 200 250 -65 to 150 150 -65 to 150 500 K/W Unit V V V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BC849, BC850
Electrical Characteristics Ta = 25
Parameter collector cut-off current emitter cut-off current DC current gain BC849B; BC850B BC849C; BC850C DC current gain BC849B; BC850B BC849C; BC850C collector-emitter saturation voltage VCEsat IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA base-emitter saturation voltage VBEsat IC = 10 mA; IB = 0.5 mA; *1 IC = 100 mA; IB = 5 mA; *1 base-emitter voltage collector capacitance emitter capacitance transition frequency VBE Cc Ce fT IC = 2 mA; VCE = 5 V; *2 IC = 10 mA; VCE = 5 V;*2 IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 500 mV; f = 1 MHz IC = 10 mA; VCE = 5 V; f = 100 MHz IC = 200 iA; VCE = 5 V; RS = 2 kU,f = 10 Hz to 15.7 kHz IC = 200 iA; VCE = 5 V; RS = 2 kU,f = 1 kHz; B = 200 Hz 100 2.5 11 580 hFE IC = 2 mA; VCE = 5 V; 200 420 Symbol ICBO IEBO Testconditons IE = 0; VCB = 30 V IE = 0; VCB = 30 V; Tj = 150 C IC = 0; VEB = 5 V IC = 10 iA; VCE = 5 V; 240 450 290 520 90 200 700 900 660 Min Typ
Transistors IC
Max 15 5 100
Unit nA iA nA
450 800 250 600 mV mV mV mV 700 770 mV mV pF pF MHz 4 4 dB dB
noise figure
F
*1 VBEsat decreases by about 1.7 mV/K with increasing temperature. *2 VBE decreases by about 2 mV/K with increasing temperature.
hFE Classification
TYPE Marking BC849B 2B BC849C 2C BC850B 2F BC850C 2G
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BC849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X